Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 121 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 121 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 117Page - SMSC Corporation LAN9211 Datasheet HTML 118Page - SMSC Corporation LAN9211 Datasheet HTML 119Page - SMSC Corporation LAN9211 Datasheet HTML 120Page - SMSC Corporation LAN9211 Datasheet HTML 121Page - SMSC Corporation LAN9211 Datasheet HTML 122Page - SMSC Corporation LAN9211 Datasheet HTML 123Page - SMSC Corporation LAN9211 Datasheet HTML 124Page - SMSC Corporation LAN9211 Datasheet HTML 125Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
121
Revision 2.9 (03-01-12)
DATASHEET
5.5.7
Auto-negotiation Expansion
5.5.8
Mode Control/Status
Note 5.3
The default value of this bit will vary dependant on the current link state of the line.
Index (In Decimal):
6
Size:
16-bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:5
Reserved
RO
0
4
Parallel Detection Fault.
1 = fault detected by parallel detection logic
0 = no fault detected by parallel detection logic
RO/LH
0
3
Link Partner Next Page Able.
1 = link partner has next page ability
0 = link partner does not have next page ability
RO
0
2
Next Page Able.
1 = local device has next page ability
0 = local device does not have next page ability
RO
0
1
Page Received.
1 = new page received
0 = new page not yet received
RO/LH
0
0
Link Partner Auto-Negotiation Able.
1 = link partner has auto-negotiation ability
0 = link partner does not have auto-negotiation ability
RO
0
Index (In Decimal):
17
Size:
16-bits
BITS
DESCRIPTION
TYPE
DEFAULT
15-14
Reserved. Write as 0; ignore on read.
RW
0
13
EDPWRDOWN. Enable the Energy Detect Power-Down mode:
0=Energy Detect Power-Down is disabled
1=Energy Detect Power-Down is enabled
RW
0
12-2
Reserved. Write as 0, ignore on read
RW
0
1
ENERGYON. Indicates whether energy is detected. This bit goes to a “0” if
no valid energy is detected within 256ms. Reset to “1” by hardware reset,
unaffected by SW reset.
RO
See Note 5.3
0
Reserved. Write as “0”. Ignore on read.
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com