Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 124 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 124 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 120Page - SMSC Corporation LAN9211 Datasheet HTML 121Page - SMSC Corporation LAN9211 Datasheet HTML 122Page - SMSC Corporation LAN9211 Datasheet HTML 123Page - SMSC Corporation LAN9211 Datasheet HTML 124Page - SMSC Corporation LAN9211 Datasheet HTML 125Page - SMSC Corporation LAN9211 Datasheet HTML 126Page - SMSC Corporation LAN9211 Datasheet HTML 127Page - SMSC Corporation LAN9211 Datasheet HTML 128Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
124
SMSC LAN9211
DATASHEET
5.5.11
Interrupt Source Flag
Note 5.5
The default value of this bit will vary dependant on the current link state of the line.
5.5.12
Interrupt Mask
Index (In Decimal):
29
Size:
16-bits
BITS
DESCRIPTION
TYPE
DEFAULT
15-8
Reserved. Ignore on read.
RO/LH
0
7
INT7. 1= ENERGYON generated, 0= not source of interrupt
RO/LH
0
6
INT6. 1= Auto-Negotiation complete, 0= not source of interrupt
RO/LH
0
5
INT5. 1= Remote Fault Detected, 0= not source of interrupt
RO/LH
0
4
INT4. 1= Link Down (link status negated), 0= not source of interrupt
RO/LH
See Note 5.5
3
INT3. 1= Auto-Negotiation LP Acknowledge, 0= not source of interrupt
RO/LH
0
2
INT2. 1= Parallel Detection Fault, 0= not source of interrupt
RO/LH
0
1
INT1. 1= Auto-Negotiation Page Received, 0= not source of interrupt
RO/LH
0
0
Reserved.
RO/LH
0
Index (In Decimal):
30
Size:
16-bits
BITS
DESCRIPTION
TYPE
DEFAULT
15-8
Reserved. Write as 0; ignore on read.
RO
0
7-0
Mask Bits. 1 = interrupt source is enabled 0 = interrupt source is masked
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com