Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 126 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 126 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 122Page - SMSC Corporation LAN9211 Datasheet HTML 123Page - SMSC Corporation LAN9211 Datasheet HTML 124Page - SMSC Corporation LAN9211 Datasheet HTML 125Page - SMSC Corporation LAN9211 Datasheet HTML 126Page - SMSC Corporation LAN9211 Datasheet HTML 127Page - SMSC Corporation LAN9211 Datasheet HTML 128Page - SMSC Corporation LAN9211 Datasheet HTML 129Page - SMSC Corporation LAN9211 Datasheet HTML 130Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
126
SMSC LAN9211
DATASHEET
Chapter 6 Timing Diagrams
6.1
Host Interface Timing
The LAN9211 supports the following host cycles:
Read Cycles:
PIO Reads (nCS or nRD controlled)
PIO Burst Reads (nCS or nRD controlled)
RX Data FIFO Direct PIO Reads (nCS or nRD controlled)
RX Data FIFO Direct PIO Burst Reads (nCS or nRD controlled)
Write Cycles:
PIO writes (nCS and nWR controlled)
TX Data FIFO direct PIO writes (nCS or nWR controlled)
All timing measurements were verified under the following conditions:
Temperature: ........................................................................................................................0oC to +70oC
Device VDD:....................................................................................................................+3.30 V +/- 10%
Load Capacitance: ............................................................................................................................ 25pF
6.1.1
Special Restrictions on Back-to-Back Write/Read Cycles
It is important to note that there are specific restrictions on the timing of back-to-back write-read
operations. These restrictions concern reading the control registers after any write cycle to the
LAN9211 device. In many cases there is a required minimum delay between writing to the LAN9211,
and the subsequent side effect (change in the control register value). For example, when writing to the
TX Data FIFO, it takes up to 135ns for the level indication to change in the TX_FIFO_INF register.
In order to prevent the host from reading stale data after a write operation, minimum wait periods must
be enforced. These periods are specified in Table 6.1, "Read After Write Timing Rules". The host
processor is required to wait the specified period of time after any write to the LAN9211 before reading
the resource specified in the table. These wait periods are for read operations that immediately follow
any write cycle. Note that the required wait period is dependant upon the register being read after the
write.
Performing "dummy" reads of the BYTE_TEST register is a convenient way to guarantee that the
minimum write-to-read timing restriction is met. Table 6.1 also shows the number of dummy reads that
are required before reading the register indicated. The number of BYTE_TEST reads in this table is
based on the minimum timing for Tcycle (45ns). For microprocessors with slower busses the number
of reads may be reduced as long as the total time is equal to, or greater than the time specified in the
table. Note that dummy reads of the BYTE_TEST register are not required as long as the minimum
time period is met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com