Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 128 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 128 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 124Page - SMSC Corporation LAN9211 Datasheet HTML 125Page - SMSC Corporation LAN9211 Datasheet HTML 126Page - SMSC Corporation LAN9211 Datasheet HTML 127Page - SMSC Corporation LAN9211 Datasheet HTML 128Page - SMSC Corporation LAN9211 Datasheet HTML 129Page - SMSC Corporation LAN9211 Datasheet HTML 130Page - SMSC Corporation LAN9211 Datasheet HTML 131Page - SMSC Corporation LAN9211 Datasheet HTML 132Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
128
SMSC LAN9211
DATASHEET
6.1.2
Special Restrictions on Back-to-Back Read Cycles
There are also restrictions on specific back-to-back read operations. These restrictions concern
reading specific registers after reading resources that have side effects. In many cases there is a delay
between reading the LAN9211, and the subsequent indication of the expected change in the control
register values.
In order to prevent the host from reading stale data on back-to-back reads, minimum wait periods have
been established. These periods are specified in Table 6.2, "Read After Read Timing Rules". The host
processor is required to wait the specified period of time between read operations of specific
combinations of resources. The wait period is dependant upon the combination of registers being read.
Performing "dummy" reads of the BYTE_TEST register is a convenient way to guarantee that the
minimum wait time restriction is met. Table 6.2 also shows the number of dummy reads that are
required for back-to-back read operations. The number of BYTE_TEST reads in this table is based on
the minimum timing for Tcycle (45ns). For microprocessors with slower busses the number of reads
may be reduced as long as the total time is equal to, or greater than the time specified in the table.
Dummy reads of the BYTE_TEST register are not required as long as the minimum time period is met.
Table 6.2 Read After Read Timing Rules
AFTER
READING...
WAIT FOR THIS MANY
NS…
OR PERFORM THIS MANY
READS OF BYTE_TEST…
(ASSUMING Tcycle OF 45NS)
BEFORE READING...
RX Data FIFO
135
3
RX_FIFO_INF
RX Status FIFO
135
3
RX_FIFO_INF
TX Status FIFO
135
3
TX_FIFO_INF
RX_DROP
180
4
RX_DROP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com