Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 129 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 129 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 125Page - SMSC Corporation LAN9211 Datasheet HTML 126Page - SMSC Corporation LAN9211 Datasheet HTML 127Page - SMSC Corporation LAN9211 Datasheet HTML 128Page - SMSC Corporation LAN9211 Datasheet HTML 129Page - SMSC Corporation LAN9211 Datasheet HTML 130Page - SMSC Corporation LAN9211 Datasheet HTML 131Page - SMSC Corporation LAN9211 Datasheet HTML 132Page - SMSC Corporation LAN9211 Datasheet HTML 133Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
129
Revision 2.9 (03-01-12)
DATASHEET
6.2
PIO Reads
PIO reads can be used to access CSRs or RX Data and RX/TX status FIFOs. In this mode, counters
in the CSRs are latched at the beginning of the read cycle. Read data is valid as indicated in the timing
diagram. PIO reads can be performed using Chip Select (nCS) or Read Enable (nRD). Either or both
of these control signals must go high between cycles for the period specified.
Note: Some registers have restrictions on the timing of back-to-back, write-read and read-read
cycles.
Note: The “Data Bus” width is 16 bits
Note: A PIO Read cycle begins when both nCS and nRD are asserted. The cycle ends when either
or both nCS and nRD are deasserted. They may be asserted and deasserted in any order.
Figure 6.1 PIO Read Cycle Timing
Table 6.3 PIO Read Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tcycle
Read Cycle Time
45
ns
tcsl
nCS, nRD Assertion Time
32
ns
tcsh
nCS, nRD Deassertion Time
13
ns
tcsdv
nCS, nRD Valid to Data Valid
30
ns
tasu
Address Setup to nCS, nRD Valid
0
ns
tah
Address Hold Time
0
ns
tdon
Data Buffer Turn On Time
0
ns
tdoff
Data Buffer Turn Off Time
7
ns
tdoh
Data Output Hold Time
0
ns
Data Bus
nCS, nRD
A[7:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com