Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 133 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 133 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 129Page - SMSC Corporation LAN9211 Datasheet HTML 130Page - SMSC Corporation LAN9211 Datasheet HTML 131Page - SMSC Corporation LAN9211 Datasheet HTML 132Page - SMSC Corporation LAN9211 Datasheet HTML 133Page - SMSC Corporation LAN9211 Datasheet HTML 134Page - SMSC Corporation LAN9211 Datasheet HTML 135Page - SMSC Corporation LAN9211 Datasheet HTML 136Page - SMSC Corporation LAN9211 Datasheet HTML 137Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
133
Revision 2.9 (03-01-12)
DATASHEET
6.6
PIO Writes
PIO writes are used for all LAN9211 write cycles. PIO writes can be performed using Chip Select (nCS)
or Write Enable (nWR). Either or both of these control signals must go high between cycles for the
period specified.
Note: The “Data Bus” width is 16 bits.
Note: A PIO Write cycle begins when both nCS and nWR are asserted. The cycle ends when either
or both nCS and nWR are deasserted. They may be asserted and deasserted in any order.
Figure 6.5 PIO Write Cycle Timing
Table 6.7 PIO Write Cycle Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tcycle
Write Cycle Time
45
ns
tcsl
nCS, nWR Assertion Time
32
ns
tcsh
nCS, nWR Deassertion Time
13
ns
tasu
Address Setup to nCS, nWR Assertion
0
ns
tah
Address Hold Time
0
ns
tdsu
Data Setup to nCS, nWR Deassertion
7
ns
tdh
Data Hold Time
0
ns
Data Bus
nCS, nWR
A[7:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com