Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 136 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 136 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 132Page - SMSC Corporation LAN9211 Datasheet HTML 133Page - SMSC Corporation LAN9211 Datasheet HTML 134Page - SMSC Corporation LAN9211 Datasheet HTML 135Page - SMSC Corporation LAN9211 Datasheet HTML 136Page - SMSC Corporation LAN9211 Datasheet HTML 137Page - SMSC Corporation LAN9211 Datasheet HTML 138Page - SMSC Corporation LAN9211 Datasheet HTML 139Page - SMSC Corporation LAN9211 Datasheet HTML 140Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
136
SMSC LAN9211
DATASHEET
6.9
EEPROM Timing
The following specifies the EEPROM timing requirements for the LAN9211:
Figure 6.8 EEPROM Timing
Table 6.10 EEPROM Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCKCYC
EECLK Cycle time
1110
1130
ns
tCKH
EECLK High time
550
570
ns
tCKL
EECLK Low time
550
570
ns
tCSHCKH
EECS high before rising edge of EECLK
1070
ns
tCKLCSL
EECLK falling edge to EECS low
30
ns
tDVCKH
EEDIO valid before rising edge of EECLK
(OUTPUT)
550
ns
tCKHDIS
EEDIO disable after rising edge EECLK
(OUTPUT)
550
ns
tDSCKH
EEDIO setup to rising edge of EECLK (INPUT)
90
ns
tDHCKH
EEDIO hold after rising edge of EECLK
(INPUT)
0ns
tCKLDIS
EECLK low to data disable (OUTPUT)
580
ns
tCSHDV
EEDIO valid after EECS high (VERIFY)
600
ns
tDHCSL
EEDIO hold after EECS low (VERIFY)
0
ns
tCSL
EECS low
1070
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com