Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 138 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 138 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 134Page - SMSC Corporation LAN9211 Datasheet HTML 135Page - SMSC Corporation LAN9211 Datasheet HTML 136Page - SMSC Corporation LAN9211 Datasheet HTML 137Page - SMSC Corporation LAN9211 Datasheet HTML 138Page - SMSC Corporation LAN9211 Datasheet HTML 139Page - SMSC Corporation LAN9211 Datasheet HTML 140Page - SMSC Corporation LAN9211 Datasheet HTML 141Page - SMSC Corporation LAN9211 Datasheet HTML 142Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
138
SMSC LAN9211
DATASHEET
7.3
Power Consumption (Device Only)
This section provides typical power consumption values for the LAN9211 in various modes of
operation. These measurements were taken under the following conditions:
Temperature: ................................................................................................................................... +25
°C
Device VDD:................................................................................................................................... +3.30V
Note: Power dissipation is determined by operating frequency, temperature, and supply voltage, as
well as external source/sink requirements.
Note 7.4
D0 = Normal Operation, D1 = WOL (Wake On LAN mode), D2= Low Power Energy Detect.
Table 7.1 Power Consumption Device Only
MODE
Total Power - Typical (mW)
10BASE-T Operation
D0, 10BASE-T /w traffic
232
D0, Idle
226
D1, Idle
165
D2, Energy Detect Power Down
60
D2, General Power Down
10
100BASE-TX Operation
D0, 100BASE-TX /w traffic
358
D0, Idle
345
D1, Idle
253
D2, Energy Detect Power Down (Cable disconnected)
60
D2, General Power Down
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com