Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 141 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 141 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 137Page - SMSC Corporation LAN9211 Datasheet HTML 138Page - SMSC Corporation LAN9211 Datasheet HTML 139Page - SMSC Corporation LAN9211 Datasheet HTML 140Page - SMSC Corporation LAN9211 Datasheet HTML 141Page - SMSC Corporation LAN9211 Datasheet HTML 142Page - SMSC Corporation LAN9211 Datasheet HTML 143Page - SMSC Corporation LAN9211 Datasheet HTML 144Page - SMSC Corporation LAN9211 Datasheet HTML 145Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
141
Revision 2.9 (03-01-12)
DATASHEET
7.6
DC Electrical Specifications
This section details the DC electrical specifications of the LAN9211 I/O buffers. The electrical
specifications in this section are valid over the voltage range and the temperature range specified in
Section 7.2, "Operating Conditions**".
Table 7.4 I/O Buffer Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
I Type Input Buffer
Low Input Level
VILI
-0.3
0.8
V
High Input Level
VIHI
2.0
5.5
V
Input Leakage
(VIN = GND_IO or VDD_IO)
IIH
-10
10
uA
Note 7.5
Input Leakage
(VIN = 5.5V)
IIH
107
uA
Note 7.5, Note 7.6
Input Capacitance
CIN
2.5
pF
IS Type Input Buffer
Low Input Level
VILI
-0.3
V
High Input Level
VIHI
5.5
V
Negative-Going Threshold
VILT
1.01
1.18
1.35
V
Schmitt Trigger
Positive-Going Threshold
VIHT
1.39
1.6
1.8
V
Schmitt Trigger
Schmitt Trigger Hysteresis
(VIHT - VILT)
VHYS
345
420
485
mV
Input Leakage
(VIN = GND_IO or VDD_IO)
IIH
-10
10
uA
Note 7.5
Input Leakage
(VIN = 5.5V)
IIH
107
uA
Note 7.5, Note 7.6
Input Capacitance
CIN
2.5
pF
O12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 12mA
High Output Level
VOH
VDD - 0.4
V
IOH = -12mA
OD12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 12mA
OD8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 8mA
O8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com