Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 139 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 139 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 135Page - SMSC Corporation LAN9211 Datasheet HTML 136Page - SMSC Corporation LAN9211 Datasheet HTML 137Page - SMSC Corporation LAN9211 Datasheet HTML 138Page - SMSC Corporation LAN9211 Datasheet HTML 139Page - SMSC Corporation LAN9211 Datasheet HTML 140Page - SMSC Corporation LAN9211 Datasheet HTML 141Page - SMSC Corporation LAN9211 Datasheet HTML 142Page - SMSC Corporation LAN9211 Datasheet HTML 143Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
139
Revision 2.9 (03-01-12)
DATASHEET
7.4
Power Consumption (Device and System Components)
This section provides typical power consumption values for a complete Ethernet interface based on
the LAN9211, including the power dissipated by the magnetics and other passive components.
Note: The power measurements list below were taken under the following conditions:
Temperature: ................................................................................................................................... +25
°C
Device VDD:................................................................................................................................... +3.30V
Note: Power dissipation is determined by operating frequency, temperature, and supply voltage, as
well as external source/sink requirements.
Table 7.2 Power Consumption Device and System Components
MODE
Total Power - Typical (mW)
10BASE-T Operation
D0, 10BASE-T /w traffic
573
D0, Idle
567
D1, Idle
449
D2, Energy Detect Power Down
60
D2, General Power Down
10
100BASE-TX Operation
D0, 100BASE-TX /w traffic
495
D0, Idle
482
D1, Idle
391
D2, Energy Detect Power Down
60
D2, General Power Down
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com