Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 140 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 140 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 136Page - SMSC Corporation LAN9211 Datasheet HTML 137Page - SMSC Corporation LAN9211 Datasheet HTML 138Page - SMSC Corporation LAN9211 Datasheet HTML 139Page - SMSC Corporation LAN9211 Datasheet HTML 140Page - SMSC Corporation LAN9211 Datasheet HTML 141Page - SMSC Corporation LAN9211 Datasheet HTML 142Page - SMSC Corporation LAN9211 Datasheet HTML 143Page - SMSC Corporation LAN9211 Datasheet HTML 144Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
140
SMSC LAN9211
DATASHEET
7.5
Worst Case Current Consumption
This section details the worst case current consumption for each device power supply. These values
are provided to assist system designers with proper power supply design. These values cannot be
used to determine typical power consumption of the device.
Note: The current measurements listed below were taken under the following conditions:
Temperature: ........................................................................................................................0oC to +70oC
Device VDD:.................................................................................................................. +3.30 V +/- 10%
Note: Current consumption is determined by operating frequency, temperature, and supply voltage,
as well as external source/sink requirements.
Note: Above values do not include the supply current for the magnetics. Based on the recommended
implementation, the maximum supply current needed for the magnetics is 108mA.
Table 7.3 Maximum Supply Current Characteristics
PARAMETER
SUPPLY NAME
MAX
UNITS
NOTES
+3.3V I/O Supply Current
VDD_IO
86
mA
+3.3V Analog Supply Current
VDD_A33
46
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com