Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 144 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 144 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 139Page - SMSC Corporation LAN9211 Datasheet HTML 140Page - SMSC Corporation LAN9211 Datasheet HTML 141Page - SMSC Corporation LAN9211 Datasheet HTML 142Page - SMSC Corporation LAN9211 Datasheet HTML 143Page - SMSC Corporation LAN9211 Datasheet HTML 144Page - SMSC Corporation LAN9211 Datasheet HTML 145Page - SMSC Corporation LAN9211 Datasheet HTML 146Page - SMSC Corporation LAN9211 Datasheet HTML 147Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 144 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
144
SMSC LAN9211
DATASHEET
Chapter 8 Package Outline
8.1
56-QFN Package
Notes:
1. All dimensions are in millimeters.
2. Position tolerance of each terminal and exposed pad is ± 0.05 mm at maximum material condition.
Dimension “b” applies to plated terminals and is measured between 0.15 and 0.30 mm from the
terminal tip.
3. The pin 1 identifier may vary, but is always located within the zone indicated.
Figure 8.1 56 Pin QFN Package Definition
Table 8.1 56 Pin QFN Package Parameters
MIN
NOMINAL
MAX
REMARKS
A
0.70
~
1.00
Overall Package Height
A1
0.00
0.02
0.05
Standoff
A2
~
~
0.90
Mold Cap Thickness
D/E
7.85
8.00
8.15
X/Y Body Size
D1/E1
7.55
~
7.95
X/Y Mold Cap Size
D2/E2
5.75
5.90
6.05
X/Y Exposed Pad Size
L
0.30
~
0.50
Terminal Length
b
0.18
0.25
0.30
Terminal Width
e
0.50 Basic
Terminal Pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com