Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 147 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 147 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 139Page - SMSC Corporation LAN9211 Datasheet HTML 140Page - SMSC Corporation LAN9211 Datasheet HTML 141Page - SMSC Corporation LAN9211 Datasheet HTML 142Page - SMSC Corporation LAN9211 Datasheet HTML 143Page - SMSC Corporation LAN9211 Datasheet HTML 144Page - SMSC Corporation LAN9211 Datasheet HTML 145Page - SMSC Corporation LAN9211 Datasheet HTML 146Page - SMSC Corporation LAN9211 Datasheet HTML 147Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 147 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
147
Revision 2.9 (03-01-12)
DATASHEET
Rev. 2.3
(08-18-08)
Note 7.6 on page 142
Note following I/O Buffer Characteristics table
modified:
Changed from: ".....the per-pin input leakage is 10
divided by the maximum input leakage current."
to: ".....the per-pin input leakage is the maximum
input leakage current divided by 10."
Rev. 2.2
(06-19-08)
Figure 1.2, "Internal Block
Diagram"
Diagram redone.
The word “Core” was added to the regulator block
title.
Table 2.4, “System and
Power Signals,” on page 17
Changed VDD_CORE/VDD18CORE bulk
capacitor value from 10uF to 4.7uF.
Rev. 2.2
(06-10-08)
Auto-negotiation
Advertisement on page 119
Bits 9 and 15 relabeled as Reserved, Read-Only
(RO), with a default of 0.
Auto-negotiation
Advertisement on page 119
Fixed definition of bits 11:10 when equal to “11” by
adding “advertise support for..” to beginning of
definition. Also added note stating “When both
symmetric PAUSE and asymmetric PAUSE
support are advertised, the device will only be
configured to, at most, one of the two settings
upon auto-negotiation completion.”
Section 3.5, "Wake-up
Frame Detection," on
page 25 and Section 5.4.1,
"MAC_CR—MAC Control
Register," on page 105
Added note: “When wake-up frame detection is
enabled via the WUEN bit of the WUCSR—Wake-
up Control and Status Register, a broadcast wake-
up frame will wake-up the device despite the state
of the Disable Broadcast Frame (BCAST) bit in the
MAC_CR—MAC Control Register.”
Section 5.4.12,
"WUCSR—Wake-up Control
and Status Register," on
page 114
Fixed typo in bit 9: “... Mac Address [1:0] bit set to
0.” was changed to “...Mac Address [0] bit set to 0.”
Section 3.6.1.1, "RX
Checksum Calculation," on
page 31
“checksum = [B0, B1] + C0 + [B2, B3] + C1 + …
+ [0, BN] + CN-1” changed to “checksum = [B1,
B0] + C0 + [B3, B2] + C1 + … + [0, BN] + CN-1”
Table 7.3 on page 140
Added 1.8V Analog Supply Current (VDD_A18)
into the VDD_IO supply current and removed the
1.8V row.
Rev. 2.1
(05-13-08)
Section 1.1, "Block
Diagram"
Removed the system memory block and arrow
above the microprocessor/ microcontroller
Rev. 2.0
(04-11-08)
Section 7.6, "DC Electrical
Specifications," on page 141
Input leakage current values added
Rev. 1.92
(10-22-07)
Chapter 2 Pin Description
and Configurationon
page 14
Pin assignment information re-organized into
separate table.
Transmit Checksum Offload
Engine (TXCOE) section of
Chapter 3, "Functional
Description," on page 21.
Note added indicating the proper usage of the TX
checksum preamble (DWORD alignment).
EECLK pin description in
Chapter 2 Pin Description
and Configurationon
page 14
Note added to EECLK pin description to indicate
proper usage.
Table 9.1 Customer Revision History (continued)
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com