Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 146 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 146 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 139Page - SMSC Corporation LAN9211 Datasheet HTML 140Page - SMSC Corporation LAN9211 Datasheet HTML 141Page - SMSC Corporation LAN9211 Datasheet HTML 142Page - SMSC Corporation LAN9211 Datasheet HTML 143Page - SMSC Corporation LAN9211 Datasheet HTML 144Page - SMSC Corporation LAN9211 Datasheet HTML 145Page - SMSC Corporation LAN9211 Datasheet HTML 146Page - SMSC Corporation LAN9211 Datasheet HTML 147Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 146 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
146
SMSC LAN9211
DATASHEET
Chapter 9 Datasheet Revision History
Table 9.1 Customer Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Rev. 2.9
(03-01-12)
Section 5.4.8,
"FLOW—Flow Control
Register," on page 112
Updated Pass Control Frames (bit 2) description to
“When set, the MAC will pass the pause frame to
the host...”
Rev. 2.8
(07-14-11)
Table 2.4, “System and
Power Signals,” on page 17
nLED1 description modified to indicate that the
signal is driven low when operating speed is
100Mbs and is driven high during autonegotiation,
when the cable is disconnected, and during 10
Mbs operation.
Section 5.2.1, "RX FIFO
Ports," on page 77
RX Data FIFO port is aliased to 16 WORD
locations, not 16 DWORD locations.
Section 5.2.2, "TX FIFO
Ports," on page 77
TX Data FIFO port is aliased to 16 WORD
locations, not 16 DWORD locations.
Section 3.6.2.1, "TX
Checksum Calculation," on
page 32
Added note stating TX Checksum calculation
should not be used for UDP packets under IPv6.
Rev. 2.7
(03-15-10)
Chapter 2, "Pin Description
and Configuration," on
page 14
Added pin 1 designator to pin diagram
Section 7.2, "Operating
Conditions**," on page 137
Added note: “Do not drive input signals without
power supplied to the device.”
Section 7.2, "Operating
Conditions**," on page 137
Added note: “Apply and remove power to all power
supply pins simultaneously, including the Ethernet
magnetics. Do not apply power to individual supply
pins without the others.”
Rev. 2.5
(11-13-08)
All
Fixed various typos
Rev. 2.4
(10-24-08)
All
Fixed various typos
Table 7.1 on page 138,
Table 7.2 on page 139, and
Table 7.3 on page 140
Updated power consumption and supply current
characteristics tables.
Table 7.4, “I/O Buffer
Characteristics,” on
page 141
Added input capacitance values.
Section 3.8, "General
Purpose Timer (GP Timer),"
on page 36
Changed incorrect “GPT_CNT” reference to
“GPT_LOAD”: “On a reset, or when the
TIMER_EN bit changes from set ‘1’ to cleared ‘0,’
the GPT_LOAD field is initialized to FFFFh.”
Section 5.3.23, "E2P_CMD
– EEPROM Command
Register," on page 101
Corrected MAC Address Loaded (bit 8) type from
“RO” to “R/WC”
Table 7.7 on page 143
Updated crystal specifications:
Drive Level: 300uW
ESR: 50 Ohms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com