Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 143 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 143 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 139Page - SMSC Corporation LAN9211 Datasheet HTML 140Page - SMSC Corporation LAN9211 Datasheet HTML 141Page - SMSC Corporation LAN9211 Datasheet HTML 142Page - SMSC Corporation LAN9211 Datasheet HTML 143Page - SMSC Corporation LAN9211 Datasheet HTML 144Page - SMSC Corporation LAN9211 Datasheet HTML 145Page - SMSC Corporation LAN9211 Datasheet HTML 146Page - SMSC Corporation LAN9211 Datasheet HTML 147Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 143 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
143
Revision 2.9 (03-01-12)
DATASHEET
7.7
Clock Circuit
The LAN9211 can accept either a 25MHz crystal (preferred) or a 25 MHz single-ended clock oscillator
(
±50 PPM) input. The LAN9211 shares the 25MHz clock oscillator input (CLKIN) with the crystal input
XTAL1/CLKIN. If the single-ended clock oscillator method is implemented, XTAL2 should be left
unconnected and CLKIN should be driven with a nominal 0-3.3V clock signal. The input clock duty
cycle is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the LAN9211
crystal input/output signals (XTAL1, XTAL2). See Table 7.7, "LAN9211 Crystal Specifications" for crystal
specifications. Refer to application note AN10.7 - “Parallel Crystal Circuit Input Voltage Control” for
additional information.
Note 7.11 The maximum allowable values for Frequency Tolerance and Frequency Stability are
application dependant. Since any particular application must meet the IEEE +/-50 PPM
Total PPM Budget, the combination of these two values must be approximately +/-45 PPM
(allowing for aging).
Note 7.12 Frequency Deviation Over Time is also referred to as Aging.
Note 7.13 The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3u as
+/- 50 PPM.
Note 7.14 This number includes the pad, the bond wire and the lead frame. PCB capacitance is not
included in this value. The XTAL1/CLKIN and XTAL2 pin and PCB capacitance values are
required to accurately calculate the value of the two external load capacitors. These two
external load capacitors determine the accuracy of the 25.000 MHz frequency.
Table 7.7 LAN9211 Crystal Specifications
PARAMETER
SYMBOL
MIN
NOM
MAX
UNITS
NOTES
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
Frequency Tolerance @ 25oCFtol
-
-
+/-50
PPM
Note 7.11
Frequency Stability Over Temp
Ftemp
-
-
+/-50
PPM
Note 7.11
Frequency Deviation Over Time
Fage
-
+/-3 to 5
-
PPM
Note 7.12
Total Allowable PPM Budget
-
-
+/-50
PPM
Note 7.13
Shunt Capacitance
CO
-7 typ-
pF
Load Capacitance
CL
-
20 typ
-
pF
Drive Level
PW
300
-
-
uW
Equivalent Series Resistance
R1
--
50
Ohm
Operating Temperature Range
0
-
+70
oC
LAN9211 XTAL1/CLKIN Pin
Capacitance
-3 typ-
pF
Note 7.14
LAN9211 XTAL2 Pin
Capacitance
-3 typ-
pF
Note 7.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com