Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 142 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 142 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 138Page - SMSC Corporation LAN9211 Datasheet HTML 139Page - SMSC Corporation LAN9211 Datasheet HTML 140Page - SMSC Corporation LAN9211 Datasheet HTML 141Page - SMSC Corporation LAN9211 Datasheet HTML 142Page - SMSC Corporation LAN9211 Datasheet HTML 143Page - SMSC Corporation LAN9211 Datasheet HTML 144Page - SMSC Corporation LAN9211 Datasheet HTML 145Page - SMSC Corporation LAN9211 Datasheet HTML 146Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
142
SMSC LAN9211
DATASHEET
Note 7.5
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down
and pull-up resistors add +/- 50uA per-pin (typical).
Note 7.6
This is the total VIN input leakage for the entire device. This value should be divided by
the number of pins driven to VIN MAX to calculate per-pin leakage. For example, if 10 pins
are driven to the maximum operational limit for VIN, the per-pin input leakage is the
maximum input leakage current divided by 10.
Note 7.7
Measured at the line side of the transformer, line replaced by 100
Ω (+/- 1%) resistor.
Note 7.8
Offset from16 nS pulse width at 50% of pulse peak
Note 7.9
Measured differentially.
Note 7.10 Min/Max voltages guaranteed as measured with 100
Ω resistive load.
High Output Level
VOH
VDD - 0.4
V
IOH = -8mA
ICLK Input Buffer
Low Input Level
VILCK
-0.3
0.5
V
High Input Level
VIHCK
1.4
3.6
V
Table 7.5 100BASE-TX Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Peak Differential Output Voltage
High
VPPH
950
-
1050
mVpk
Note 7.7
Peak Differential Output Voltage
Low
VPPL
-950
-
-1050
mVpk
Note 7.7
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 7.7
Signal Rise & Fall Time
TRF
3.0
-
5.0
nS
Note 7.7
Rise & Fall Time Symmetry
TRFS
--
0.5
nS
Note 7.7
Duty Cycle Distortion
DCD
35
50
65
%
Note 7.8
Overshoot & Undershoot
VOS
--
5
%
Jitter
1.4
nS
Note 7.9
Table 7.6 10BASE-T Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Transmitter Peak Differential
Output Voltage
VOUT
2.2
2.5
2.8
V
Note 7.10
Receiver Differential Squelch
Threshold
VDS
300
420
585
mV
Table 7.4 I/O Buffer Characteristics (continued)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com