Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 131 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 131 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 127Page - SMSC Corporation LAN9211 Datasheet HTML 128Page - SMSC Corporation LAN9211 Datasheet HTML 129Page - SMSC Corporation LAN9211 Datasheet HTML 130Page - SMSC Corporation LAN9211 Datasheet HTML 131Page - SMSC Corporation LAN9211 Datasheet HTML 132Page - SMSC Corporation LAN9211 Datasheet HTML 133Page - SMSC Corporation LAN9211 Datasheet HTML 134Page - SMSC Corporation LAN9211 Datasheet HTML 135Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
131
Revision 2.9 (03-01-12)
DATASHEET
6.4
RX Data FIFO Direct PIO Reads
In this mode the upper address inputs are not decoded, and any read of the LAN9211 will read the
RX Data FIFO. This mode is enabled when FIFO_SEL is driven high during a read access. This is
normally accomplished by connecting the FIFO_SEL signal to high-order address line. This mode is
useful when the host processor must increment its address when accessing the LAN9211. Timing is
identical to a PIO read, and the FIFO_SEL signal has the same timing characteristics as the address
lines.
Note that address lines A[2:1] are still used, and address bits A[7:3] are ignored.
Note: The “Data Bus” width is 16 bits.
Note: An RX Data FIFO Direct PIO Read cycle begins when both nCS and nRD are asserted. The
cycle ends when either or both nCS and nRD are de-asserted. They may be asserted and de-
asserted in any order.
Figure 6.3 RX Data FIFO Direct PIO Read Cycle Timing
Table 6.5 RX Data FIFO Direct PIO Read Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tcycle
Read Cycle Time
45
ns
tcsl
nCS, nRD Assertion Time
32
ns
tcsh
nCS, nRD Deassertion Time
13
ns
tcsdv
nCS, nRD Valid to Data Valid
30
ns
tasu
Address, FIFO_SEL Setup to nCS, nRD Valid
0
ns
tah
Address, FIFO_SEL Hold Time
0
ns
tdon
Data Buffer Turn On Time
0
ns
tdoff
Data Buffer Turn Off Time
7
ns
tdoh
Data Output Hold Time
0
ns
Data Bus
nCS, nRD
FIFO_SEL
A[2:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com