Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 120 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 120 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 116Page - SMSC Corporation LAN9211 Datasheet HTML 117Page - SMSC Corporation LAN9211 Datasheet HTML 118Page - SMSC Corporation LAN9211 Datasheet HTML 119Page - SMSC Corporation LAN9211 Datasheet HTML 120Page - SMSC Corporation LAN9211 Datasheet HTML 121Page - SMSC Corporation LAN9211 Datasheet HTML 122Page - SMSC Corporation LAN9211 Datasheet HTML 123Page - SMSC Corporation LAN9211 Datasheet HTML 124Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
120
SMSC LAN9211
DATASHEET
5.5.6
Auto-negotiation Link Partner Ability
Index (In Decimal):
5
Size:
16-bits
BITS
DESCRIPTION
TYPE
DEFAULT
15
Next Page. 1 = next page capable, 0 = no next page ability. This device
does not support next page ability.
RO
0
14
Acknowledge. 1 = link code word received from partner 0 = link code word
not yet received
Note:
This bit will always read 0
RO
0
13
Remote Fault. 1 = remote fault detected, 0 = no remote fault
RO
0
12
Reserved
RO
0
11-10
Pause Operation.
00 No PAUSE supported by partner station
01 Symmetric PAUSE supported by partner station
10 Asymmetric PAUSE supported by partner station
11 Both Symmetric PAUSE and Asymmetric PAUSE supported by partner
station
RO
00
9
100Base-T4. 1 = T4 able, 0 = no T4 ability
RO
0
8
100Base-TX Full Duplex. 1 = TX with full duplex, 0 = no TX full duplex
ability
RO
0
7
100Base-TX. 1 = TX able, 0 = no TX ability
RO
0
6
10Base-T Full Duplex.
1 = 10Mbps with full duplex
0 = no 10Mbps with full duplex ability
RO
0
5
10Base-T. 1 = 10Mbps able, 0 = no 10Mbps ability
RO
0
4:0
Selector Field. [00001] = IEEE 802.3
RO
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com