Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 117 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 117 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 113Page - SMSC Corporation LAN9211 Datasheet HTML 114Page - SMSC Corporation LAN9211 Datasheet HTML 115Page - SMSC Corporation LAN9211 Datasheet HTML 116Page - SMSC Corporation LAN9211 Datasheet HTML 117Page - SMSC Corporation LAN9211 Datasheet HTML 118Page - SMSC Corporation LAN9211 Datasheet HTML 119Page - SMSC Corporation LAN9211 Datasheet HTML 120Page - SMSC Corporation LAN9211 Datasheet HTML 121Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
117
Revision 2.9 (03-01-12)
DATASHEET
5.5.1
Basic Control Register
Note 5.1
The default value of this bit is determined by the auto-negotiation process.
Index (In Decimal):
0
Size:
16-bits
BITS
DESCRIPTION
TYPE
DEFAULT
15
Reset. 1 = software reset. Bit is self-clearing. For best results, when setting
this bit do not set other bits in this register.
RW/SC
0
14
Loopback. 1 = loopback mode, 0 = normal operation
RW
0
13
Speed Select. 1 = 100Mbps, 0 = 10Mbps. Ignored if Auto Negotiation is
enabled (0.12 = 1).
RW
See Note 5.1
12
Auto-Negotiation Enable. 1 = enable auto-negotiate process (overrides
0.13 and 0.8) 0 = disable auto-negotiate process.
RW
1
11
Power Down. 1 = General power down-mode, 0 = normal operation.
Note:
After this bit is cleared, the PHY may auto-negotiate with it's
partner station. This process may take a few seconds to complete.
Once auto-negotiation is complete, bit 5 of the PHY's Basic Status
Register will be set.
RW
0
10
Reserved
RO
0
9
Restart Auto-Negotiate. 1 = restart auto-negotiate process 0 = normal
operation. Bit is self-clearing.
RW/SC
0
8
Duplex Mode. 1 = full duplex, 0 = half duplex. Ignored if Auto Negotiation
is enabled (0.12 = 1).
RW
See Note 5.1
7
Collision Test. 1 = enable COL test, 0 = disable COL test
RW
0
6-0
Reserved
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com