Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 113 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 113 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 109Page - SMSC Corporation LAN9211 Datasheet HTML 110Page - SMSC Corporation LAN9211 Datasheet HTML 111Page - SMSC Corporation LAN9211 Datasheet HTML 112Page - SMSC Corporation LAN9211 Datasheet HTML 113Page - SMSC Corporation LAN9211 Datasheet HTML 114Page - SMSC Corporation LAN9211 Datasheet HTML 115Page - SMSC Corporation LAN9211 Datasheet HTML 116Page - SMSC Corporation LAN9211 Datasheet HTML 117Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
113
Revision 2.9 (03-01-12)
DATASHEET
5.4.9
VLAN1—VLAN1 Tag Register
This register contains the VLAN tag field to identify VLAN1 frames. For VLAN frames the legal frame
length is increased from 1518 bytes to 1522 bytes.
5.4.10
VLAN2—VLAN2 Tag Register
This register contains the VLAN tag field to identify VLAN2 frames. For VLAN frames the legal frame
length is increased from 1518 bytes to 1522 bytes.
Offset:
9
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
BITS
DESCRIPTION
31-16
Reserved
15-0
VLAN1 Tag Identifier (VTI1). This contains the VLAN Tag field to identify the VLAN1 frames. This
field is compared with the 13th and 14th bytes of the incoming frames for VLAN1 frame detection.
If used, this register must be set to 0x8100.
Offset:
A
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
BITS
DESCRIPTION
31-16
Reserved
15-0
VLAN2 Tag Identifier (VTI2). This contains the VLAN Tag field to identify the VLAN2 frames. This
field is compared with the 13th and 14th bytes of the incoming frames for VLAN2 frame detection.If
used, this register must be set to 0x8100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com