Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 109 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 109 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 105Page - SMSC Corporation LAN9211 Datasheet HTML 106Page - SMSC Corporation LAN9211 Datasheet HTML 107Page - SMSC Corporation LAN9211 Datasheet HTML 108Page - SMSC Corporation LAN9211 Datasheet HTML 109Page - SMSC Corporation LAN9211 Datasheet HTML 110Page - SMSC Corporation LAN9211 Datasheet HTML 111Page - SMSC Corporation LAN9211 Datasheet HTML 112Page - SMSC Corporation LAN9211 Datasheet HTML 113Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
109
Revision 2.9 (03-01-12)
DATASHEET
5.4.3
ADDRL—MAC Address Low Register
The MAC Address Low register contains the lower 32 bits of the physical address of the MAC. The
contents of this register are optionally loaded from the EEPROM at power-on through the EEPROM
Controller if a programmed EEPROM is detected. The least significant byte of this register (bits [7:0])
is loaded from address 0x01 of the EEPROM. The most significant byte of this register is loaded from
address 0x04 of the EEPROM. Please refer to Section 4.6 for more information on the EEPROM.
Table 5.7 below illustrates the byte ordering of the ADDRL and ADDRH registers with respect to the
reception of the Ethernet physical address. Also shown is the correlation between the EEPROM
addresses and ADDRL and ADDRH registers.
As an example, if the desired Ethernet physical address is 12-34-56-78-9A-BC, the ADDRL and
ADDRH registers would be programmed as shown in Figure 5.2. The values required to automatically
load this configuration from the EEPROM are also shown.
Figure 5.2 Example ADDRL, ADDRH and EEPROM Setup
Offset:
3
Attribute:
R/W
Default Value:
FFFFFFFFh
Size:
32 bits
BITS
DESCRIPTION
31-0
Physical Address [31:0]. This field contains the lower 32 bits (31:0) of the Physical Address of the
LAN9211 device. The content of this field is undefined until loaded from the EEPROM at power-on.
The host can update the contents of this field after the initialization process has completed.
Table 5.7 ADDRL, ADDRH and EEPROM Byte Ordering
EEPROM ADDRESS
ADDRN
ORDER OF RECEPTION ON
ETHERNET
0x01
ADDRL[7:0]
1st
0x02
ADDRL[15:8]
2nd
0x03
ADDRL[23:16]
3rd
0x04
ADDRL[31:24]
4th
0x05
ADDRH[7:0]
5th
0x06
ADDRH[15:8]
6th
0x12
0
7
0x34
8
15
0x56
16
23
0x78
24
31
ADDRL
0x9A
0
7
0xBC
8
15
ADDRH
xx
16
23
xx
24
31
0xA5
0x12
0x34
0x56
0x78
0x9A
0xBC
0x00
0x01
0x02
0x03
0x04
0x05
0x06
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com