Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 106 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 106 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 102Page - SMSC Corporation LAN9211 Datasheet HTML 103Page - SMSC Corporation LAN9211 Datasheet HTML 104Page - SMSC Corporation LAN9211 Datasheet HTML 105Page - SMSC Corporation LAN9211 Datasheet HTML 106Page - SMSC Corporation LAN9211 Datasheet HTML 107Page - SMSC Corporation LAN9211 Datasheet HTML 108Page - SMSC Corporation LAN9211 Datasheet HTML 109Page - SMSC Corporation LAN9211 Datasheet HTML 110Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
106
SMSC LAN9211
DATASHEET
13
Hash/Perfect Filtering Mode (HPFILT). When reset (0), the LAN9211 will implement a perfect
address filter on incoming frames according the address specified in the MAC address register.
When set (1), the address check Function does imperfect address filtering of multicast incoming
frames according to the hash table specified in the multicast hash table register.
If the Hash Only Filtering mode (HO) bit is set (1), then the physical (IA) are imperfect filtered too. If
the Hash Only Filtering mode (HO) bit is reset (0), then the IA addresses are perfect address filtered
according to the MAC Address register
12
Late Collision Control (LCOLL). When set, enables retransmission of the collided frame even after
the collision period (late collision). When reset, the MAC disables frame transmission on a late
collision. In any case, the Late Collision status is appropriately updated in the Transmit Packet status.
11
Disable Broadcast Frames (BCAST). When set, disables the reception of broadcast frames. When
reset, forwards all broadcast frames to the application.
Note:
When wake-up frame detection is enabled via the WUEN bit of the WUCSR—Wake-up
Control and Status Register, a broadcast wake-up frame will wake-up the device despite the
state of this bit.
10
Disable Retry (DISRTY). When set, the MAC attempts only one transmission. When a collision is
seen on the bus, the MAC ignores the current frame and goes to the next frame and a retry error is
reported in the Transmit status. When reset, the MAC attempts 16 transmissions before signaling a
retry error.
9
Reserved
8
Automatic Pad Stripping (PADSTR). When set, the MAC strips the pad field on all incoming frames,
if the length field is less than 46 bytes. The FCS field is also stripped, since it is computed at the
transmitting station based on the data and pad field characters, and is invalid for a received frame
that has had the pad characters stripped. Receive frames with a 46-byte or greater length field are
passed to the Application unmodified (FCS is not stripped). When reset, the MAC passes all incoming
frames to the host unmodified.
Note:
When PADSTR is enabled, the RX Checksum Offload Engine must be disabled (bit 0
(RXCOE_EN) of the COE_CR—Checksum Offload Engine Control Register) and vice versa.
These functions cannot be enabled simultaneously.
BITS
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com