Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 112 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 112 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 108Page - SMSC Corporation LAN9211 Datasheet HTML 109Page - SMSC Corporation LAN9211 Datasheet HTML 110Page - SMSC Corporation LAN9211 Datasheet HTML 111Page - SMSC Corporation LAN9211 Datasheet HTML 112Page - SMSC Corporation LAN9211 Datasheet HTML 113Page - SMSC Corporation LAN9211 Datasheet HTML 114Page - SMSC Corporation LAN9211 Datasheet HTML 115Page - SMSC Corporation LAN9211 Datasheet HTML 116Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
112
SMSC LAN9211
DATASHEET
5.4.8
FLOW—Flow Control Register
This register controls the generation and reception of the Control (Pause command) frames by the
MAC’s flow control block. The control frame fields are selected as specified in the 802.3x Specification
and the Pause-Time value from this register is used in the “Pause Time” field of the control frame. In
full-duplex mode the FCBSY bit is set until the control frame is transferred onto the cable. In half-
duplex mode FCBSY is set while back pressure is being asserted. The host has to make sure that the
Busy bit is cleared before writing the register. The Pass Control Frame bit (FCPASS) does not affect
the sending of the frames, including Control Frames, to the Application Interface. The Flow Control
Enable (FCEN) bit enables the receive portion of the Flow Control block.
This register is used in conjunction with the AFC_CFG register in the Slave CSRs to configure flow
control. Software flow control is initiated using the AFC_CFG register.
Note: The LAN9211 will not transmit pause frames or assert back pressure if the transmitter is
disabled.
Offset:
8
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
BITS
DESCRIPTION
31-16
Pause Time (FCPT). This field indicates the value to be used in the PAUSE TIME field in the control
frame. This field must be initialized before full-duplex automatic flow control is enabled.
15-3
Reserved
2
Pass Control Frames (FCPASS). When set, the MAC will pass the pause frame to the host. The
Application must accept or discard a received frame based on the Packet Filter control bit. The MAC
receives, decodes and performs the Pause function when a valid Pause frame is received in Full-
Duplex mode and when flow control is enabled (FCE bit set). When reset, the MAC resets the Packet
Filter bit in the Receive packet status.
The MAC always passes the data of all frames it receives (including Flow Control frames) to the
Application. Frames that do not pass Address filtering, as well as frames with errors, are passed to
the Application. The Application must discard or retain the received frame’s data based on the
received frame’s STATUS field. Filtering modes (Promiscuous mode, for example) take precedence
over the FCPASS bit.
1
Flow Control Enable (FCEN). When set, enables the MAC Flow Control function. The MAC decodes
all incoming frames for control frames; if it receives a valid control frame (PAUSE command), it
disables the transmitter for a specified time (Decoded pause time x slot time). When reset, the MAC
flow control function is disabled; the MAC does not decode frames for control frames.
Note:
Flow Control is applicable when the MAC is set in Full Duplex Mode. In Half-Duplex mode,
this bit enables the Backpressure function to control the flow of received frames to the MAC.
0
Flow Control Busy (FCBSY). This bit is set high whenever a pause frame or back pressure is being
transmitted. This bit should read logical 0 before writing to the Flow Control (FLOW) register. During
a transfer of Control Frame, this bit continues to be set, signifying that a frame transmission is in
progress. After the PAUSE control frame’s transmission is complete, the MAC resets to 0.
Notes:
When writing this register the FCBSY bit must always be zero.
Applications must always write a zero to this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com