Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 33 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 33 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 34Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 37Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 33 of 59
390 10 71122 01
3.4. Data Path
The data path contains all circuitry that is used to process the baseband signal. The MLX71122 comprises a
second order Sallen-Key lowpass filter, two peak detectors and an output comparator as digital signal
output.
3.4.1. Data Filter (DF)
The receive part of the MLX71122 contains a 2
nd order Sallen-Key low-pass filter that can be configured by
connecting two external capacitors C8 and C9 to the IC (see sec. 6). This data filter removes high frequency
components and noise from the demodulated signal that may otherwise lower the signal to noise ratio at
the comparator input. The filter bandwidth has to be adjusted to the maximum data rate. A good choice
for the -3dB bandwidth is 85% of the data rate for NRZ codes and 170% for bi-phase or Manchester codes.
A characteristic between Bessel and Butterworth is best used in the data filter.
Since the internal resistors of the filter are both 200k and the overall gain is set to unity we obtain the
following table for the capacitor values:
Coding
C8
C9
NRZ Code
C9
1.47 
kbps
/
rate
data
pF
640
Bi-Phase Code
C9
1.47 
kbps
/
rate
data
pF
320
C9 should be rounded (down preferred) to the closest E-series value. C8 should be calculated from the
rounded value before rounding it (down preferred) to the closest E-series value.
Example: base band signal 4kbps, NRZ coding
160pF
[kbps]
4
640pF
C9
in E-series
0pF
15
C9 
(24)
220.5pF
150pF
1.47
C8
in E-series
0pF
22
C8 
(25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com