Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX71122_16 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
General Description
The MLX71122 is a multi-channel RF receiver IC based on a double-conversion super-heterodyne architect-
ture. It is designed to receive FSK and ASK modulated RF signals either in 8 predefined frequency channels
or frequency programmable via a 3-wire serial programming interface (SPI).
The IC is designed for a variety of applications, for example in the European bands at 433MHz and 868MHz
or for the use in North America or Asia, e.g. at 315MHz, 447MHz or 915MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com