Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 8 of 59
390 10 71122 01
1.4. Enable/Disable in ABC Mode
ENRX
Description
0
Shutdown mode
1
Receive mode
Pin ENRX is pulled down internally. Device is in shutdown by default, after power supply on.
If ENRX = 0 and SPISEL = 1 then operating modes according to OPMODE bit (refer to control word R0).
If ENRX = 1 then OPMODE bit has no effect (hardwired receive mode).
1.5. Demodulation Selection in ABC Mode
MODSEL
Description
0
FSK demodulation
1
ASK demodulation
Pin MODSEL has no effect in SPI mode (SPISEL = 1). We recommend connecting it to ground to avoid a
floating CMOS gate.
1.6. Programming Modes
SPISEL
Description
0
ABC mode (8 channels preconfigured)
1
SPI mode (programming via 3-wire bus)
1.7. Preconfigured Frequencies in ABC Mode
A
B
C
Receive Frequency
0
0
0
FSK1: 369.5 MHz
0
1
0
FSK5: 388.3 MHz
1
0
0
FSK2: 371.1 MHz
1
1
0
FSK4: 376.9 MHz
0
0
1
FSK3: 375.3 MHz
0
1
1
FSK7: 394.3 MHz
1
0
1
FSK6: 391.5 MHz
1
1
1
FSK8: 395.9 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com