Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 23Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 19 of 59
390 10 71122 01
3.1.2. Calculation of LO1 and IF1 frequency for Low Frequency Bands
High-high or high-low injection can be used for the low frequency bands. If equal channel steps are desired,
choose a PFD frequency fPFD according to the table below. The R counter values are valid for a 10MHz
crystal reference frequency fRO. The PFD frequency is given by fPFD = fRO /R.
Injection Type
fCH [kHz]
fPFD [kHz]
R
h-h
10
13.3
750
h-h
12.5
16.7
600
h-h
20
26.7
375
h-h
25
33.3
300
h-h
50
66.7
150
h-h
100
133.3
75
h-h
250
333.3
30
The second step is to calculate the missing parameters fLO1, fIF1, Ntot, N and A. While the second IF (fIF2), the
NLO2 divider ratio and the prescaler divider ratio P are bound to fIF2 = 2MHz, NLO2 = 4 (or 8) and P =32.
)
f
(f
1
N
N
f
IF2
RF
LO2
LO2
LO1
2MHz)
(f
3
4
f
RF
LO1
(10)
1
N
f
N
f
f
LO2
IF2
LO2
RF
IF1
3
8MHz
f
f
RF
IF1
(11)
Finally N and A can be calculated with equation (6).
3.1.3. Calculation of LO1 and IF1 frequency for High Frequency Bands
Typical ISM band operating frequencies like 868.3 and 915MHz can be covered without changing the
crystal or the VCO inductor. Low-low injection is usually used for the high frequency bands. If equal
channel steps are desired, choose a PFD frequency fPFD according to the table below. The R counter values
are valid for a 10MHz crystal reference. The PFD frequency is given by fPFD = fRO /R.
Injection Type
fCH [kHz]
fPFD [kHz]
R
l-l
20
16
625
l-l
25
20
500
l-l
50
40
250
l-l
100
80
125
l-l
250
200
50
l-l
500
400
25
The second step is to calculate the missing parameters fLO1, fIF1, Ntot, N and A. While the second IF (fIF2), the
NLO2 divider ratio and the prescaler divider ratio P are bound to fIF2 = 2MHz, NLo2 = 4 (or 8) and P =32.
)
f
(f
1
N
N
f
IF2
RF
LO2
LO2
LO1
2MHz)
(f
5
4
f
RF
LO1
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com