Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 29 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 29 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 33Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 29 of 59
390 10 71122 01
3.3.2. Mixer 2 (MIX2)
The second mixer is a double-balanced image rejection mixer in Hartley architecture using a complex poly-
phase filter that converts the IF1 to the IF2 signal. The default LO injection type is low side (fLO2 = fIF1 - fIF2),
but also high side injection is possible (fLO2 = fIF1 + fIF2), by setting SSBSEL to LOW (see 4.1.1). As for mixer 1,
the injection side determines the polarity of the output signal. Two gain settings of mixer 2 can be selected
by MIX2GAIN (see 4.1.1), a setting at 9dB (default) and one at -2dB.
Fig. 12:
Mixer 2 (Image Rejection Mixer)
3.3.3. IF Filter (IFF)
The MLX71122 comprises an internal IF filter with a -3dB bandwidth of 220kHz and a -40dB attenuation
bandwidth of 1.6MHz. The filter contains three capacitively coupled bi-quad stages that represent resonant
tanks close to the filter center frequency of 2MHz. The filter prototype is given in Fig.13. There exists an
approximation formula to calculate the elements Ccx and Ctx when the center frequency, the -3dB
bandwidth, the impedance level R and the inductivity L are given. The Ccx to Ctx ratio scales with the Q-
factor of the bandpass filter. As a consequence of this the shape of the filter doesn’t change in the Bode-
plot if L is increased or decreased. This means the filter should always have about the same bandwidth if it
is tuned to a certain center frequency.
Fig. 13:
IF filter prototype
Each LC-tank is realized as a bi-quad stage using transconductance cells that can be tuned by changing the
bias current. This allows tuning of the center frequency. The bandwidth is related to the center frequency
by the ratio of the coupling and the tank capacitors. Accuracy of the bandwidth relies on matching of the
capacitors. The internal control word in IFFVAL (see 4.1.8) determines the current consumption of the filter
and therefore of the whole receiver. Higher values lead to higher current consumptions. The deviation
from the nominal current consumption can be about ±0.75mA. Four gain settings of the IF filter are
selectable via IFFGAIN in register R0 (see 4.1.1). The default value is 0dB, other options are -14dB, -6dB and
+6dB. It is recommended to leave the value at 0dB.
90°/0
0/90°
IF1
LO2
CROSS
SWITCH
IF2
polyphase
filter
90°
SSBSEL
MIX2GAIN
R
Vin
CC1
CC1
CC2
CC2
L
L
L
CT1
CT1
CT2
R
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com