Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 37 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 37 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 34Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 41Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 37 of 59
390 10 71122 01
In general a control word has the following format. Bit 0 is the Read/Write bit that determines whether it is
a read (R/W = 1) or a write (R/W = 0) sequence. The R/W bit is preceding the latch address and the
corresponding data bits.
Control Word Format
MSB
LSB
MSB
LSB
Bit 0
Data
Latch Address
Mode
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A2
A2
A0
R/W
There are two control word formats for read and for write operation. Data bits are only needed in write
mode. Read operations require only a latch address and a R/W bit.
Due to the static CMOS design, the serial interface consumes virtually no current. The SPI is a fully separate
building block and can therefore be programmed in every operational mode.
3.9.2. Read / Write Sequences
Fig. 17
Typical write sequence diagram
Fig. 18
Typical read sequence diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com