Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 10 of 59
390 10 71122 01
2. Pin Definitions and Descriptions
2.1. Pin Schematics
Pin No.
Name
I/O Type
Functional Schematic
Description
1
VEELNA
ground
LNAO
3
VEELNA
1
LNAI
31
VEE
VEE
VCC
bias
ground of LNA core
31
LNAI
analog
input
LNA input, approx.
27 single-ended
3
LNAO
analog
output
LNA open-collector output,
to be connected to external
LC tank that resonates at RF
2
VCCANA
supply
positive supply of
LNA, MIX1 MIX2, IFF, IFA,
FSK DEMOD, OA1, OA2,
PKDET+, PKDET- and BIAS
4
VEEIF
ground
negative supply of
LNA, MIX1 MIX2, IFF, IFA,
and FSK DEMOD
5
MIXN
analog
input
MIXN
390µA
5
VEE
VEE
VCC
VCC
6
MIXP
bias
mixer 1 negative input
6
MIXP
analog
input
mixer 1 positive input
7
SPISEL
CMOS
input
VEE
VCC
SPISEL
7
120
SPI select input
8
RSSI
analog
output
VEE
VCC
8
I (Pi)
RSSI
120
25k
ASK
FSK
SW1
120
RSSI output, approx. 25k
9
MODSEL
CMOS
input
VEE
VCC
MODSEL
9
120
demodulation select input
(FSK or ASK demodulation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com