Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 27 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 27 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 31Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 27 of 59
390 10 71122 01
Typical VCO Gain
Band / MHz
L0 inductor / nH
KVCO / MHz/V, VCCRANGE=0
KVCO / MHz/V, VCCRANGE=1
315
33
128
60
434
22
188
85
868
5.6
222
108
915
5.6
250
116
The phase margin ΦM determines the stability of the PLL. It should be larger than 45°. A phase margin of
56.4° should be preferred.
The closed loop PLL bandwidth fC of a receiver should be as large as possible in order to allow fast settling
of the frequency. On the other hand it should be so low that the reference spurs at the PFD frequency are
sufficiently suppressed. A good compromise is to make fC 1/10 of the PFD frequency. Therefore it is
desirable to make fPFD as large as possible or the R divider as small as possible but not smaller than 20.
The feedback ratio between the VCO output frequency and the PFD frequency shall be called N.
The following empirically derived formulas are rules of thumb for a phase margin of 56.4° and for
receivers.
ωU shall be the unity gain bandwidth in rad/s of the open loop PLL transfer function.
62
.
1
2
C
U
f
(19)
2
0
3
.
3
U
VCO
CP
N
K
I
a
(20)
11
0
2
a
C
F
(21)
11
10
0
1
a
C
F
(22)
U
F
a
R
0
63
.
3
(23)
The loop filter elements for 868 and 915MHz in the evaluation board list in section 6.3 are scaled values of
the calculated values in order to reduce the capacitance value. If the capacitors are scaled down then the
resistor needs to be scaled up by the same factor and vice versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com