Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 17 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 17 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 21Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 17 of 59
390 10 71122 01
The image frequencies of the two mixers are now:
MHz
f
IMAGE
MIX
66
.
519
33
.
102
33
.
417
1
, RF response, suppressed by the RF bandpass filter,
MHz
f
IMAGE
MIX
33
.
106
0
.
2
33
.
104
2
, suppressed by the image rejection of mixer 2.
IMAGE
MIX
f
2
leads to two further RF response frequencies:
MHz
00
.
311
33
.
106
33
.
417
:
suppressed by 30dB of the image rejection of mixer 2
MHz
66
.
523
33
.
106
33
.
417
:
suppressed by 30dB of mixer 2 plus the RF bandpass filter
In the example of Fig. 3, the image signals at 519.66 and 523.66 are suppressed by the bandpass
characteristic provided by the RF front-end. The bandpass shape can be achieved either with a SAW filter
(featuring just a couple of MHz bandwidth), or by the tank circuits at the LNA input and output (this
typically yields 30 to 60MHz bandwidth). In any case, the high value of the first IF (IF1) helps to suppress
the image signals at fRF Low-High and fRF Low-Low.
The two remaining signals at IF1 resulting from 102.33 and 106.33 enter the second mixer MIX2. This mixer
features image rejection with so-called single-sideband (SSB) selection. This means either the upper or
lower sideband of IF1 can be selected. In the example of Fig. 3, LO2 high-side injection has been chosen to
select the IF2 signal resulting from fRF High-High.
Fig. 3: The four receiving frequencies in a double conversion superhet receiver
It should be mentioned that each high-side injection mixing mirrors the frequency spectrum of the input
signal. Only Low-Low and High-High injection mixing preserve the spectrum or in other words a higher
frequency at RF remains a higher frequency at IF2. The polarity of the data slicer can be switched in order
to compensate this for FSK reception of digital data.
It can be seen from the block diagram of Fig. 1 that there is a fixed relationship between the LO1 signal
frequency fLO1 and the LO2 signal frequency fLO2.
LO2
LO1
LO2
f
f
N
LO2DIV
(5)
The LO1 signal frequency fLO1 is directly synthesized from the crystal reference oscillator frequency fRO by
means of an integer-N PLL synthesizer. The PLL consists of a dual-modulus prescaler (P/P+1) with P=32,
a program counter N and a swallow counter A.
fLO2
fLO2
fLO1
f RF
f RF
f RF
f RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com