Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 40 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 40 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 43Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 44Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 40 of 59
390 10 71122 01
CONTROL
WORD
DATA
LATCH
ADDRESS
MSB
LSB
Bit No.
11
10
9
8
7
6
5
4
3
2
1
0
MSB
LSB
default
0
0
0
0
0
1
0
0
1
0
1
1
1
0
0
R4
read/
write
Bit No.
11
10
9
8
7
6
5
4
3
2
1
0
MSB
LSB
default
0
0
1
0
1
0
1
0
1
1
0
0
1
0
1
R5
read/
write
Bit No.
11
10
9
8
7
6
5
4
3
2
1
0
MSB
LSB
default
1
1
1
0
1
0
0
0
0
1
0
1
1
1
0
R6
read/
write
Bit No.
11
10
9
8
7
6
5
4
3
2
1
0
MSB
LSB
default
1
1
1
R7
read-
only
Note:
depends on bit 11 in R4, 0 = RSSIL, 1 = LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com