Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 7 of 59
390 10 71122 01
FSK
DEMOD
Control
Logic
SLCSEL
BIAS
OA2
DFO
OA1
PKDET+
PKDET_
SLC
PDP
PDN
DTAO
29
27
26
30
25
32
28
22
20
16
21
17
18
19
7
10
200k
200k
SW2
SW1
ASK
FSK
LNA
LNAI
4
3
31
2
1
14
11
23
R
counter
N / A
counter
PFD
VCO
LF
CP
RO
LO2DIV
9
IFA
LO2
IF2
IF1
LO1
MIX1
MIX2
IFF
5
6
8
15
24
TNK1
TNK2
12 13
1.2. Technical Data Overview
Input frequency ranges: 300 to 930MHz
Power supply range: 3.0 to 5.5V
Temperature range: -40 to +110°C
Shutdown current: 50nA
Operating current: 12mA (typ.)
FSK input sensitivity: -107dBm (typ.)
ASK input sensitivity: -112dBm (typ.)
Internal IF2: 2MHz with 230kHz 3dB
bandwidth
Maximum data rate: 100kbps NRZ code,
50kbps bi-phase code
Minimum frequency resolution: 10kHz
Total image rejection: > 65dB (with
external RF front-end filter)
FSK/FM deviation range: ±10 to ±50kHz
Spurious emission: < -70dBm
Linear RSSI range: > 50dB
FSK input frequency acceptance range:
180kHz (3dB sensitivity loss)
Crystal reference frequency: 10MHz
1.3. Block Diagram
Fig. 1: MLX71122 block diagram
The MLX71122 receiver IC consists of the following building blocks:
 PLL synthesizer (PLL SYNTH) to generate the first and second local oscillator signals LO1 and LO2, parts
of the PLL SYNTH are the voltage-controlled oscillator (VCO), the feedback dividers N/A and R, the
phase-frequency detector (PFD), the charge pump (CP) and the crystal-based reference oscillator (RO)
 Low-noise amplifier (LNA) for high-sensitivity RF signal reception
 First mixer (MIX1) for down-conversion of the RF signal to the first IF (intermediate frequency)
 Second mixer (MIX2) with image rejection for down-conversion from the first to the second IF
 IF Filter (IFF) with a 2MHz center frequency and a 230kHz 3dB bandwidth
 IF amplifier (IFA) to provide a large amount of voltage gain and an RSSI signal output
 FSK demodulator (FSK DEMOD)
 Operational amplifiers OA1 and OA2 for low-pass filtering and data slicing, respectively
 Positive (PKDET+) and negative (PKDET-) peak detectors
 Switches SW1 to select between FSK and ASK as well as SW2 to chose between averaging or peak
detector data slicer
 Control logic with 3-wire bus serial programming interface (SPI)
 Biasing circuit with modes control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com