Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 20 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 20 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 24Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 20 of 59
390 10 71122 01
1
N
f
N
f
f
LO2
IF2
LO2
RF
IF1
5
8MHz
f
f
RF
IF1
(13)
Finally N and A can be calculated with equation (6).
3.1.4. Counter Setting Examples for SPI Mode
To provide some examples, the following table shows some counter settings for the reception of the well-
known ISM and SRD frequency bands. The channel spacing is assumed to be fCH = 100kHz. In below table all
frequency units are in MHz.
Inj
fRF
fIF1
fLO1
Ntot
N
P
A
fPFD
R
fREF
fLO2
fIF2
h-h
300
97.3
397.3
2980
93
32
4
0.133
75
10
99.3
2
h-h
315
102.3
417.3
3130
97
32
26
0.133
75
10
104.3
2
h-h
434
142
576
4320
135
32
0
0.133
75
10
144
2
h-h
470
154
624
4680
146
32
8
0.133
75
10
156
2
l-l
850
171.6
678.4
8480
256
32
0
0.08
125
10
169.6
2
l-l
868
175.2
692.8
8660
270
32
20
0.08
125
10
173.2
2
l-l
915
184.6
730.4
9130
285
32
10
0.08
125
10
182.6
2
l-l
930
187.6
742.4
9280
290
32
0
0.08
125
10
185.6
2
3.1.5. Counter Settings in ABC Mode – 8+1 Preconfigured Channels
In ABC mode (SPISEL=0), the counter settings are hard-wired. In below table all frequency units are in MHz.
CH
Inj
fRF
fIF1
fLO1
Ntot
N
P
A
fPFD
R
fREF
fLO2
fIF2
1
h-l
369.5 125.8 495.3 3715
116
32
3
0.133 75
10
123.8 2
2
h-l
371.1 126.4 497.5 3731
116
32
19
0.133 75
10
124.4 2
3
h-l
375.3 127.8 503.1 3773
117
32
29
0.133 75
10
125.8 2
4
h-l
376.9 128.3 505.2 3789
118
32
13
0.133 75
10
126.3 2
5
h-l
384.0 130.7 514.7 3860
120
32
20
0.133 75
10
128.7 2
6
h-l
388.3 132.1 520.4 3903
121
32
31
0.133 75
10
130.1 2
7
h-l
391.5 133.2 524.7 3935
122
32
31
0.133 75
10
131.2 2
8
h-l
394.3 134.1 528.4 3963
123
32
27
0.133 75
10
132.1 2
9
h-l
395.9 134.6 530.5 3979
124
32
11
0.133 75
10
132.6 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com