Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 44 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 44 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 43Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 44Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 45Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 46Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 47Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 48Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 44 of 59
390 10 71122 01
MFO
[11:8]
multi functional output
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
Z state
SPI read-out
MFO = 0
MFO = 1
analog RO output
analog IFF output
resistor (for test purposes)
resistor (for test purposes)
lock detect output
N divider output (for test purposes)
R divider output (for test purposes)
CCO output (for test purposes)
prescaler MC bit output with SCLK as clock (for test)
N divider output with SCLK as clock (for test)
R divider output with SCLK as clock (for test)
RIFF output with SCLK as clock (for test)
#default
4.1.5. Control Word R4
Name
Bits
Description
R
[10:0]
reference divider range
000 0100 1011
value is 75
#default
R counter range: 3 to 2047
AGCMODE
[11]
AGC delay mode
0
1
gain decrease and increase with delay
gain decrease without delay, gain increase with delay
#default
selects AGC delay mode in combination with AGCDEL bits, see section 4.1.4 (R3)
4.1.6. Control Word R5
Name
Bits
Description
RIFF
[10:0]
reference divider value for IFF adjustment
010 1010 1100
value is 684
#default
IFF counter range: 4 to 2047
MODSEL
[11]
demodulation selection
0
1
FSK demodulation
ASK demodulation
#default
selects modulation type when chip is controlled via SPI mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com