Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 41 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 41 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 43Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 44Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 45Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 41 of 59
390 10 71122 01
4.1.1. Control Word R0
Name
Bits
Description
OPMODE
[1:0]
operation mode
00
01
10
11
shutdown
receive mode
reference oscillator & BIAS only
synthesizer only
#default
LNAGAIN
[3:2]
LNA gain
00
01
10
11
lowest gain
low gain
high gain
highest gain
(default – 20dB)
(default – 6dB)
(default – 2dB)
(default – 0dB)
#default
gain values are relative to gain at default
MIX1GAIN
[4]
1
st Mixer gain
0
1
high gain
low gain
(14dB)
(0dB)
#default
MIX2GAIN
[5]
2
nd Mixer gain
0
1
high gain
low gain
(9dB)
(-2dB)
#default
IFFGAIN
[7:6]
intermediate frequency filter gain
00
01
10
11
lowest gain
low gain
high gain
highest gain
(-14dB)
(-6dB)
(0dB)
(+6dB)
#default
DEMGAIN
[8]
demodulator gain
0
1
low gain
high gain
(~ 12mV/kHz)
(~ 14.5mV/kHz)
#default
SSBSEL
[9]
single side band selection
0
1
upper side band
lower side band
LO2 low-side inj. (IF1 = LO2 + IF2)
LO2 high-side inj. (IF1 = LO2 – IF2)
#default
Internal IF2 = 2MHz
SLCSEL
[10]
slicer mode select
0
1
averaging Data Slicer mode
peak detector Data Slicer mode
#default
DTAPOL
[11]
data output polarity OA2
0
inverted
#default
‘1’ for space at ASK or fmin at FSK, ‘0’ for mark at ASK or fmax at FSK
1
normal
‘0’ for space at ASK or fmin at FSK, ‘1’ for mark at ASK or fmax at FSK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com