Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 25 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 25 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 29Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 25 of 59
390 10 71122 01
LF
VCO
CF1
CF2
RF
+
VCC
A good source for a detailed PLL analysis is: “Gardner, F.M., Phase-Locked Loop Techniques, John Wiley &
Sons, 1980.”
Fig. 8: 2
nd order Loop filter
3.2.7. Lock Detector (LD)
In SPI mode a lock-detect signal LD is available at pin 23 if MFO is set to 1000 (binary) in control word R3
(see 4.1.4). The pin output is HIGH when the PLL is locked in. Alternatively the lock-detect signal is visible in
bit 10 of R7 (see 4.1.8) if bit SHOWLD in R1 (see 4.1.2) is HIGH. The lock detection circuitry uses the Up and
Down signals from the phase-frequency detector to check them for phase coherency. Figure 9 shows an
overview of the lock signal generation. The locked state and the unlock condition will be controlled by the
register settings of LDTIME and LDERR. During the start-up phase of the PLL, Up and Down signals are quite
unbalanced. Therefore the Lock Detector circuit waits the time span that is programmed in divider
DIV_LDTIME before a first lock can occur. The time span is dependent on the period of the reference signal
fR. By default it is 16/fR (see 4.1.2). When the PLL approaches steady state, the signals Up and Down begin
to overlap. The time span within which the signals are not overlapping is assessed by using a
programmable delay gate. If it is shorter than programmed in LDERR (see 4.1.2) then the LD output is set
to HIGH. By default the error time should be shorter than 15ns. A second option is shorter than 30ns.
After LD is set to HIGH the divider is disabled and the lock state remains unchanged until the unlock signal
resets the divider.
Fig. 9:
Lock Detection Circuit
DIV_LDTIME
unlock
C
R
O
R
f
EN
Q
R
S
>1
>1
>1
LD
LDMODE
MUX
LDERR
&
=1
p
U
n
D
delay
15ns
30ns
=
LDTIME [1:0]
2
1
1
2
4
8
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com