Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 45 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 45 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 43Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 44Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 45Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 46Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 47Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 48Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 49Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 45 of 59
390 10 71122 01
4.1.7. Control Word R6
Name
Bits
Description
IFFPRES
[7:0]
IFF preset value
0101 1011
value is 91
#default
IFF DAC preset at start of automatic tuning
IFFHLT
[8]
IFF halt
0
1
auto tuning running
auto tuning halted
#default
suspends IFF automatic tuning
IFFTUNE
[9]
IFF tuning
0
1
disable and load DAC with IFFPRES
enable
#default
ROCUR
[11:10]
reference Oscillator core current
00
01
10
11
85µA
170µA
270µA
355µA
#default
4.1.8. Control Word R7 (Read-only Register)
Name
Bits
Description
IFFVAL
[7:0]
IFF adjustment value
see also IFFPRES in section 4.1.7 (R6)
IFFSTATE
[9:8]
IFF automatic tuning state
00
01
10
11
filter tuned or auto-tuning disabled
tuning up the filter frequency
tuning down the filter frequency
master oscillator of filter does not work
LDRSSIL
[10]
lock detector or RSSI low flag
0
1
PLL not locked or RSSI value in lower region
PLL locked or RSSI value above lower region
depends on SHOWLD in section 4.1.2 (R1)
RSSIH
[11]
RSSI high flag
0
1
RSSI value below upper region
RSSI value in upper region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com