Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 11 of 59
390 10 71122 01
Pin No.
Name
I/O Type
Functional Schematic
Description
10
RBIAS
analog I/O
Iref
VEE
VCC
VCC
RBIAS
10
50
external resistor for voltage
and current biasing, 30k
by default, to provide stable
parameters over
temperature and supply
variations
11
VEEVCO
ground
ground of VCO
12
TNK1
analog I/O
VEE
TNK1
12
TNK2
13
VEE
VCOCUR
VD
VD
LF
VEE
VCC
VCC
VCO collector output,
connection 1 to external
LC tank
13
TNK2
analog I/O
VCO collector output,
connection 2 to external
LC tank
15
LF
analog I/O
VCO
VCC
VCC
VEE
LF
15
2.5k
charge pump output,
connection to external loop
filter
14
VCCVCO
supply
positive supply of VCO
16
ENRX
CMOS
input
ENRX
16
VCC
VEE
120
enable/disable control input
(with internal pull-down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com