Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 16Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 12 of 59
390 10 71122 01
Pin No.
Name
I/O Type
Functional Schematic
Description
17
C/SDEN
CMOS
input
VEE
VCC
C/SDEN
17
120
frequency control line C or
SPI control line SDEN
18
B/SDTA
CMOS
input
VEE
VCC
B/SDTA
18
120
frequency control line B or
SPI control line SDTA
19
A/SCLK
CMOS
input
VEE
VCC
A/SCLK
19
120
frequency control line A or
SPI control line SCLK
20
VEEDIG
ground
ground of PLL SYNT (except
of VCO), Control Logic,
and OA2 out stage
21
VCCDIG
supply
positive supply of
PLL SYNT (except of VCO),
Control Logic, RO and OA2
out stage
22
DTAO
CMOS
output
OA2
VCC
VEE
DTAO
22
data output, 2mA sink or
source capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com