Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 48 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 48 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 44Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 45Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 46Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 47Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 48Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 49Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 50Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 51Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 52Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 48 of 59
390 10 71122 01
5.5. DC Characteristics
all parameters under normal operating conditions and default settings, unless otherwise stated;
typical values at TA= 23 °C and VCC = 5 V
all parameters based on test circuits as shown in Fig. 20 to Fig. 22
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Currents
Shutdown current
ISBY
OPMODE=00 and
ENRX=0
0.05
2
µA
Supply current, FSK
IFSK
OPMODE=01 or
ENRX=1
10
12
15
mA
Supply current, ASK
IASK
OPMODE=01 or
ENRX=1
9.5
11.5
14.5
mA
Supply current, RO only
IRO
OPMODE=10 and
ENRX=0
0.4
0.8
1.2
mA
Supply current, Synthesizer
only
ISYN
OPMODE=11 and
ENRX=0
3
4
5
mA
Digital Pin Characteristics
Input low voltage CMOS,
ENRX
VILEN
ENRX pin
-0.3
0.3  Vcc
V
Input high voltage CMOS,
ENRX
VIHEN
ENRX pin
0.7  VCC
VCC+0.3
V
Pull down current
ENRX pin
IPDEN
ENRX=1
1.5
5
8
µA
Low level input current
ENRX pin
IINLEN
ENRX=0
0.05
µA
Input low voltage CMOS
VIL
Pins MODSEL, SPISEL,
A/SCLK, B/SDTA,
C/SDEN
-0.3
0.3  Vcc
V
Input high voltage CMOS
VIH
Pins MODSEL, SPISEL,
A/SCLK, B/SDTA,
C/SDEN
0.7  VCC
VCC+0.3
V
Low level input leakage
current
IIL
Pins MODSEL, SPISEL,
A/SCLK, B/SDTA,
C/SDEN
-2
A
High level input leakage
current
IHL
Pins MODSEL, SPISEL,
A/SCLK, B/SDTA,
C/SDEN
2
A
Analog Pin Characteristics
OA1 input offset voltage
VOFFOA1
OA1
-50
50
mV
OA2 input offset voltage
VOFFOA2
OA2
-20
20
mV
OA2 current sinking capability
IOA2SINK
OA2 (DTAO pin)
2
mA
OA2 current sourcing
capability
IOA2SRC
OA2 (DTAO pin)
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com