Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 23 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 23 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 27Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 23 of 59
390 10 71122 01
Fig. 6
Pulse Swallow Divider Timing
Therefore the overall feedback divide ratio is:
A
P
N
A
N
P
A
1
P
.
(16)
Further restrictions can be derived from above equation: A < P and A < N.
Some math shows that for uniform frequency steps without gaps (N ≥ P) the following condition is
necessary:
P
P
A
P
N
.
(17)
3.2.2. PLL Counter Ranges
In order to cover the frequency range of about 300 to 930MHz the following counter values are
implemented in the receiver:
PLL Counter Ranges
A
N
R
P
0 to 31 (5bit)
3 to 2047 (11bit)
3 to 2047 (11bit)
32
Therefore the minimum and maximum divider ratios for uniform frequency steps are given by:
1024
32
32
N
totmin
65535
31
32
2047
N
totmax
3.2.3. Reference Oscillator (RO)
The reference oscillator is based on a Colpitts topology with two
integrated functional capacitors as shown in figure 7. The circuitry is
optimized for a load capacitance range of 10pF to 15pF. The equivalent
input capacitance CRO offered by the oscillator input pin ROI is about
15pF. To ensure a fast and reliable start-up and a very stable frequency
over the specified supply voltage and temperature range, the oscillator
bias circuitry provides an amplitude regulation. Via SPI it is possible to
adjust the typical core current with register ROCUR. There are four
values available (see 4.1.7). At the default setting 355A, the
amplitude at pin ROI is monitored in order to regulate the current of
the oscillator core IRO.
Fig.7:
RO schematic
f
P
A cycles of
f
P
(N-A) cycles of
f
P
period of
30pF
XTAL
ROI
CX
VCC
30pF
VEE
IRO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com