Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71122 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 13 of 59
390 10 71122 01
Pin No.
Name
I/O Type
Functional Schematic
Description
23
MFO
analog
output
(option 1)
VCC
VCC
VCC
disable
disable
MFO
23
ROI
VEE
VEE
multifunctional output:
reference oscillator output
selected (default setting)
(see 4.1.4)
23
MFO
analog
output
(option 2)
VCC
VCC
disable
disable
8K
VCC
MFO
23
VEE
VEE
VEE
IF2P
IF2N
multifunctional output:
IF2 signal output selected
(see 4.1.4)
23
MFO
digital
output
tristate
(option 3)
VCC
MFO
23
VEE
multifunctional output:
digital output signal
selected
(see 4.1.4)
24
ROI
analog
input
30p
VEE
VCC
ROI
24
2µA
30p
reference oscillator input
for connecting an external
crystal, Colpitts type
oscillator with internal
feedback
capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com