Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 124 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 124 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 120Page - Cirrus Logic WM8944BECS/R Datasheet HTML 121Page - Cirrus Logic WM8944BECS/R Datasheet HTML 122Page - Cirrus Logic WM8944BECS/R Datasheet HTML 123Page - Cirrus Logic WM8944BECS/R Datasheet HTML 124Page - Cirrus Logic WM8944BECS/R Datasheet HTML 125Page - Cirrus Logic WM8944BECS/R Datasheet HTML 126Page - Cirrus Logic WM8944BECS/R Datasheet HTML 127Page - Cirrus Logic WM8944BECS/R Datasheet HTML 128Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 165 page
background image
WM8944B
124
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6
MICB_LVL
0
Microphone Bias Voltage control
0 = 0.9 x LDOVOUT
1 = 0.65 x LDOVOUT
1:0
P_PGA_SEL
[1:0]
01
Input PGA Non-Inverting Input Select
00 = Reserved
01 = Connected to IN1/DMICDAT
10 = Connected to AUX
11 = Reserved
Register 27h Input ctrl
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R40 (28h)
Input PGA
gain ctrl
7
INPGA_ZC
0
Input PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
6
INPGA_MUTE
1
Input PGA Mute
0 = Disable Mute
1 = Enable Mute
5:0
INPGA_VOL
[5:0]
01_0000
Input PGA Volume
00_0000 = -12dB
00_0001 = -11.25dB
…
01_0000 = 0dB
...
11_1111 = +35.25
Table 5
Register 28h Input PGA gain ctrl
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R42 (2Ah)
Output ctrl
15
THERR_ACT
1
Thermal Shutdown enable
0 = Disabled
1 = Enabled
When THERR_ACT = 1, then an over temperature
condition will cause the speaker outputs to be disabled.
13
SPKN_VMID_O
P_ENA
0
Buffered VMID to SPKOUTN Enable
0 = Disabled
1 = Enabled
12
SPKP_VMID_O
P_ENA
0
Buffered VMID to SPKOUTP Enable
0 = Disabled
1 = Enabled
10
LINE_VMID_
OP_ENA
0
Buffered VMID to LINEOUT Enable
0 = Disabled
1 = Enabled
8
LINE_MUTE
1
LINEOUT Output Mute
0 = Disable Mute
1 = Enable Mute
7
SPKN_DISCH
0
Discharges SPKOUTN output via approx 550 ohm resistor
0 = Not active
1 = Actively discharging SPKOUTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com