Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 125 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 125 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 121Page - Cirrus Logic WM8944BECS/R Datasheet HTML 122Page - Cirrus Logic WM8944BECS/R Datasheet HTML 123Page - Cirrus Logic WM8944BECS/R Datasheet HTML 124Page - Cirrus Logic WM8944BECS/R Datasheet HTML 125Page - Cirrus Logic WM8944BECS/R Datasheet HTML 126Page - Cirrus Logic WM8944BECS/R Datasheet HTML 127Page - Cirrus Logic WM8944BECS/R Datasheet HTML 128Page - Cirrus Logic WM8944BECS/R Datasheet HTML 129Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 165 page
background image
WM8944B
Rev 4.3
125
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6
SPKP_DISCH
0
Discharges SPKOUTP output via approx 550 ohm resistor
0 = Not active
1 = Actively discharging SPKOUTP
4
LINE_DISCH
0
Discharges LINEOUT output via approx 550 ohm resistor
0 = Not active
1 = Actively discharging LINEOUT
1
SPK_VROI
0
Buffered VREF to SPKOUTP / SPKOUTN resistance
(Disabled outputs)
0 = approx 20k ohms
1 = approx 1k4 ohms
0
LINE_VROI
0
Buffered VREF to LINEOUT resistance (Disabled output)
0 = approx 20k ohms
1 = approx 1k1 ohms
Register 2Ah Output ctrl
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R43 (2Bh)
SPK mixer
control1
10
AUXDIFF_TO_P
GA
0
Differential AUX/IN1 to Speaker PGA Mixer select
0 = Disabled
1 = Enabled
9
IN1_TO_PGA
0
IN1 to Speaker PGA Mixer select
0 = Disabled
1 = Enabled
8
AUX_TO_
SPKP
0
AUX to SPKOUTP select
0 = Disabled
1 = Enabled
7
PGA_TO_
SPKP
0
Speaker PGA Mixer to SPKOUTP select
0 = Disabled
1 = Enabled
6
BYP_TO_PGA
0
Input PGA (ADC bypass) to Speaker PGA Mixer select
0 = Disabled
1 = Enabled
5
MDAC_TO_
PGA
0
Inverted DAC to Speaker PGA Mixer select
0 = Disabled
1 = Enabled
3
DAC_TO_PGA
0
DAC to Speaker PGA Mixer select
0 = Disabled
1 = Enabled
0
AUX_TO_PGA
0
AUX to Speaker PGA Mixer select
0 = Disabled
1 = Enabled
Register 2Bh SPK mixer control1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com