Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 129 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 129 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 125Page - Cirrus Logic WM8944BECS/R Datasheet HTML 126Page - Cirrus Logic WM8944BECS/R Datasheet HTML 127Page - Cirrus Logic WM8944BECS/R Datasheet HTML 128Page - Cirrus Logic WM8944BECS/R Datasheet HTML 129Page - Cirrus Logic WM8944BECS/R Datasheet HTML 130Page - Cirrus Logic WM8944BECS/R Datasheet HTML 131Page - Cirrus Logic WM8944BECS/R Datasheet HTML 132Page - Cirrus Logic WM8944BECS/R Datasheet HTML 133Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 165 page
background image
WM8944B
Rev 4.3
129
Register 40h SE Config Selection
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R65 (41h)
SE1_LHPF_
CONFIG
5
SE1_LHPF_R_S
IGN
0
SE1_LHPF_R_SIGN
0 : sum internal result (LPF)
1 : sub internal result (HPF)
4
SE1_LHPF_L_S
IGN
0
SE1_LHPF_L_SIGN
0 : sum internal result (LPF)
1 : sub internal result (HPF)
1
SE1_LHPF_R_E
NA
0
SE1 Right channel low-pass / high-pass filter enable
0 = Disabled
1 = Enabled
0
SE1_LHPF_L_E
NA
0
SE1 Left channel low-pass / high-pass filter enable
0 = Disabled
1 = Enabled
Register 41h SE1_LHPF_CONFIG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R66 (42h)
SE1_LHPF
15:0
SE1_LHPF_L
[15:0]
0000_0000
_0000_000
0
SE1_LHPF left coefficent
Register 42h SE1_LHPF
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R67 (43h)
SE1_LHPF_
R
15:0
SE1_LHPF_R
[15:0]
0000_0000
_0000_000
0
SE1_LHPF right channel coefficent
Register 43h SE1_LHPF_R
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R68 (44h)
SE1_3DCON
FIG
9
SE1_3D_R
_SIGN
0
SE1_3D_R_SIGN
0 : add cross path values
1 : sub cross path values
8
SE1_3D_L
_SIGN
0
SE1_3D_L_SIGN
0 : add cross path values
1 : sub cross path values
7
SE1_3D_LHPF_
R_ENA
0
SE1_3D_LHPF_R_ENA :
0 : R channel disabled (bypass coeffs applied)
1 : R channel enabled (bank coeffs applied)
6
SE1_3D_LHPF_
L_ENA
0
SE1_3D_LHPF_L_ENA :
0 : L channel disabled (bypass coeffs applied)
1 : L channel enabled (bank coeffs applied)
5
SE1_3D_R_
LHPF_SIGN
0
SE1_3D_R_LHPF_SIGN
0 : sum internal result (LPF)
1 : sub internal result (HPF)
4
SE1_3D_L_
LHPF_SIGN
0
SE1_3D_L_LHPF_SIGN
0 : sum internal result (LPF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com