Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 130 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 130 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 126Page - Cirrus Logic WM8944BECS/R Datasheet HTML 127Page - Cirrus Logic WM8944BECS/R Datasheet HTML 128Page - Cirrus Logic WM8944BECS/R Datasheet HTML 129Page - Cirrus Logic WM8944BECS/R Datasheet HTML 130Page - Cirrus Logic WM8944BECS/R Datasheet HTML 131Page - Cirrus Logic WM8944BECS/R Datasheet HTML 132Page - Cirrus Logic WM8944BECS/R Datasheet HTML 133Page - Cirrus Logic WM8944BECS/R Datasheet HTML 134Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 165 page
background image
WM8944B
130
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1 : sub internal result (HPF)
1
SE1_3D_R_
ENA
0
SE1 Right channel 3D stereo enhancement filter enable
0 = Disabled
1 = Enabled
0
SE1_3D_L_
ENA
0
SE1 Left channel 3D stereo enhancement filter enable
0 = Disabled
1 = Enabled
Register 44h SE1_3D_CONFIG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R69 (45h)
SE1_3D_L
13:11
SE1_3D_L_
DELAY [2:0]
000
Sets the number of delay samples:
0000 = 0
0001 = 1
0010 = 2
0011 = 3
0100 = 4
10:8
SE1_3D_L_
CUTOFF [2:0]
100
Cut Off Frequency
0000 = 50Hz
0001 = 100Hz
0010 = 200Hz
0011 = 400 Hz
0100 = 1KHz
0101 = 2KHz
0110 = 4KHz
0111 = 10KHz
1000 to 1111 = reserved
7:4
SE1_3D_L_
CGAIN [3:0]
0000
SE1 3D Left Channel cross gain setting
0000 = -12dB
0001 = -10.5db
…….
1000= 0dB
1001 to 1111 = reserved
3:0
SE1_3D_L_
FGAIN [3:0]
1000
SE1 3D Left Channel forward gain setting
0000 = -12dB
0001 = -10.5db
…….
1000= 0dB
1001 to 1111 = reserved
Register 45h SE1_3D_L
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R70 (46h)
SE1_3D_R
13:11
SE1_3D_R_
DELAY [2:0]
000
Sets the number of delay samples:
0000 = 0
0001 = 1
0010 = 2
0011 = 3
0100 = 4
10:8
SE1_3D_R_
100
Cut Off Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com