Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 133 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 133 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 129Page - Cirrus Logic WM8944BECS/R Datasheet HTML 130Page - Cirrus Logic WM8944BECS/R Datasheet HTML 131Page - Cirrus Logic WM8944BECS/R Datasheet HTML 132Page - Cirrus Logic WM8944BECS/R Datasheet HTML 133Page - Cirrus Logic WM8944BECS/R Datasheet HTML 134Page - Cirrus Logic WM8944BECS/R Datasheet HTML 135Page - Cirrus Logic WM8944BECS/R Datasheet HTML 136Page - Cirrus Logic WM8944BECS/R Datasheet HTML 137Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 165 page
background image
WM8944B
Rev 4.3
133
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R81 (51h)
SE1_NOTCH
_A51
15:0
SE1_NOTCH_A
51 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1) notch
filter
Register 51h SE1_NOTCH_A51
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R82 (52h)
SE1_NOTCH
_M10
15:0
SE1_NOTCH_M
10 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1) notch
filter
Register 52h SE1_NOTCH_M10
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R83 (53h)
SE1_NOTCH
_M11
15:0
SE1_NOTCH_M
11 [15:0]
0001_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1) notch
filter
Register 53h SE1_NOTCH_M11
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R84 (54h)
SE1_NOTCH
_M20
15:0
SE1_NOTCH_M
20 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1) notch
filter
Register 54h SE1_NOTCH_M20
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R85 (55h)
SE1_NOTCH
_M21
15:0
SE1_NOTCH_M
21 [15:0]
0001_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1) notch
filter
Register 55h SE1_NOTCH_M21
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R86 (56h)
SE1_NOTCH
_M30
15:0
SE1_NOTCH_M
30 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1) notch
filter
Register 56h SE1_NOTCH_M30
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R87 (57h)
SE1_NOTCH
_M31
15:0
SE1_NOTCH_M
31 [15:0]
0001_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1) notch
filter
Register 57h SE1_NOTCH_M31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com