Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 126 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 126 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 122Page - Cirrus Logic WM8944BECS/R Datasheet HTML 123Page - Cirrus Logic WM8944BECS/R Datasheet HTML 124Page - Cirrus Logic WM8944BECS/R Datasheet HTML 125Page - Cirrus Logic WM8944BECS/R Datasheet HTML 126Page - Cirrus Logic WM8944BECS/R Datasheet HTML 127Page - Cirrus Logic WM8944BECS/R Datasheet HTML 128Page - Cirrus Logic WM8944BECS/R Datasheet HTML 129Page - Cirrus Logic WM8944BECS/R Datasheet HTML 130Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 165 page
background image
WM8944B
126
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R44 (2Ch)
SPK mixer
control2
9
IN1_TO_SPKN
0
IN1 to SPKOUTN select
0 = Disabled
1 = Enabled
7
PGA_TO_
SPKN
0
Speaker PGA Mixer to SPKOUTN select
0 = Disabled
1 = Enabled
Register 2Ch SPK mixer control2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R45 (2Dh)
SPK mixer
control3
10
AUXDIFF_TO_P
GA_ATTEN
0
Differential AUX/IN1 to Speaker PGA Mixer attenuation
0 = 0dB
1 = -6dB attenuation
9
IN1_TO_PGA_A
TTEN
0
IN1 to Speaker PGA Mixer attenuation
0 = 0dB
1 = -6dB attenuation
8
AUX_TO_
SPKP_ATTEN
0
AUX to SPKOUTP attenuation
0 = 0dB
1 = -6dB attenuation
7
PGA_TO_
SPKP_ATTEN
0
Speaker PGA Mixer to SPKOUTP attenuation
0 = 0dB
1 = -6dB attenuation
6
BYP_TO_PGA_
ATTEN
0
Input PGA (ADC bypass) to Speaker PGA Mixer
attenuation
0 = 0dB
1 = -6dB attenuation
3
DAC_TO_PGA_
ATTEN
0
DAC to Speaker PGA Mixer attenuation
0 = 0dB
1 = -6dB attenuation
0
AUX_TO_PGA_
ATTEN
0
AUX to Speaker PGA Mixer attenuation
0 = 0dB
1 = -6dB attenuation
Register 2Dh SPK mixer control3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R46 (2Eh)
SPK mixer
control4
9
IN1_TO_SPKN_
ATTEN
0
IN1 to SPKOUTN attenuation
0 = 0dB
1 = -6dB attenuation
7
PGA_TO_
SPKN_ATTEN
0
Speaker PGA Mixer to SPKOUTN attenuation
0 = 0dB
1 = -6dB attenuation
Register 2Eh SPK mixer control4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R47 (2Fh)
SPK volume
ctrl
7
SPK_ZC
0
Speaker PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com